Part Number Hot Search : 
MF721 18LF2 74AC299 TL431AP TA0327A G5752A AOT298L LTC1542
Product Description
Full Text Search
 

To Download 14T50-SZWB-100-0NC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3MTM Mini D Ribbon (MDR) Cable Assembly
.050 High Speed Video Data Transmission System, 50 Position 14X50-SZWB-XXX-0NC
* Supports LVDS Channel LinkTM signaling * 20 shielded pairs (100 ohm) +4 drains for high bandwidth applications * High density 50 position MDR with rugged ribbon type contact * 3 Unshielded Twisted 28 AWG Pairs * EMI shielded junction shell in either plastic or over-molded construction * Rugged thumbscrew retention * RoHS* compliant
Date Modified: May 12, 2006
TS-2103-03 Sheet 1 of 4
Physical
Connector Contact Plating
Wiping Area: 30 [ 0.76m ] Min. Gold
Shell
Color: Beige Material: Acrylonitrile Butadiene Styrene (ABS)
Cable
Color: Beige Jacket Material: Polyvinyl Chloride (PVC) Flammability: AWM VW-1
Electrical
Voltage Rating: 30 V Current Rating:
1A
Insulation Resistance: > 1 x 108 at @100 Vdc Withstanding Voltage: 350 Vrms for 1 minute Individually Shielded Twisted Pairs Characteristic Impedance: 100 10 Conductor Size: 28 AWG Stranded Propogation Velocity: 1.25 ns/ft [4.1 ns/m ]
Environmental
Temperature Rating: -20C to +75C
*RoHS = Directive 2002/95/EC, Restriction of the Use of Certain Hazardous Substances in Electrical and Electronic Equipment "RoHS compliant" means that the product or part does not contain any of the following substances in excess of the following maximum concentration values in any homogeneous material, unless the substance is in an application that is exempt under RoHS: (a) 0.1% (by weight) for lead, mercury, hexavalent chromium, polybrominated biphenyls or prolybromianted diphenyl ethers; or (b) 0.01% (by weight) for cadmium. Unless otherwise stated by 3M in writing, this information represents 3M's knowledge and belief based upon information provided by third party suppliers to 3M.
UL File No.: E86982
3M
Interconnect Solutions http://www.3M.com/interconnects/
Channel Link is a trademark of National Semiconductor.
3M is a trademark of 3M Company. For technical, sales or ordering information call 800-225-5373
3MTM Mini D Ribbon (MDR) Cable Assembly
.050 High Speed Video Data Transmission System, 50 Position 14X50-SZWB-XXX-0NC
Over-Molded #4-40 Thumbscrew
50 Position High Density Mini D Ribbon (MDR) Male Plug
50 Position High Density Mini D Ribbon (MDR) Male Plug
Cable (See pinout for cable construction)
2X Thumbscrew #4-40 thread 45.7 1.8 LENGTH (See ordering information)
2X Thumbscrew #4-40 thread 45.7 1.8
54.9 2.2 2 1 3 4 5 6 7 8 10 12 14 16 18 20 22 24 9 11 13 15 17 19 21 23 25
15.5 0.6
26 28 30 32 34 36 38 40 42 44 46 48 50 27 29 31 33 35 37 39 41 43 45 47 49 46.5 1.8
mm [Inch] Tolerance Unless Noted 0.0 mm .1 0.00 .10
Assembly Length Tolerance
Cable Length: 0.5 to 1.5 meters -0 + .05 meters 2 to 10 meters -0 +3% of length
[ ] Dimensions for Reference only
Generic End Detail MDR 50 Position Plug
( Both Ends )
Ordering Information 14X50-SZWB-XXX-0NC
Backshell Options: T = Over-molded 4-40 thumbscrew B = Discrete 4-40 thumbscrew shell kit Length: 100 = 1.0 meters 200 = 2.0 meters 500 = 5.0 meters
TS-2103-03 Sheet 2 of 4
3M
Interconnect Solutions http://www.3M.com/interconnects/
3M is a trademark of 3M Company. For technical, sales or ordering information call 800-225-5373
3MTM Mini D Ribbon (MDR) Cable Assembly
.050 High Speed Video Data Transmission System, 50 Position 14X50-SZWB-XXX-0NC
Discrete #4-40 Thumbscrew
50 Position High Density Mini D Ribbon (MDR) Male Plug 50 Position High Density Mini D Ribbon (MDR) Male Plug
Cable (See pinout for cable construction)
2X Thumbscrew #4-40 thread 32.5 1.3 LENGTH (See ordering information)
2X Thumbscrew #4-40 thread 32.5 1.3
54.4 2.1 2 1 3 4 5 6 7 8 10 12 14 16 18 20 22 24 9 11 13 15 17 19 21 23 25
13.0 0.5
26 28 30 32 34 36 38 40 42 44 46 48 50 27 29 31 33 35 37 39 41 43 45 47 49 46.5 1.8
Generic End Detail MDR 50 Position Plug
( Both Ends )
Assembly Length Tolerance
mm [Inch] Tolerance Unless Noted 0.0 mm .1 0.00 .10
Cable Length: 0.5 to 1.5 meters -0 + .05 meters 2 to 10 meters -0 +3% of length
[ ] Dimensions for Reference only
Note: 1. Use 3341-31 jacksocket for mounting receptacle to panel.
TS-2103-03 Sheet 3 of 4
3M
Interconnect Solutions http://www.3M.com/interconnects/
3M is a trademark of 3M Company. For technical, sales or ordering information call 800-225-5373
3MTM Mini D Ribbon (MDR) Cable Assembly
.050 High Speed Video Data Transmission System, 50 Position 14X50-SZWB-XXX-0NC
MDR 50 Position Pinout (F50-13) P1 Pair 1 1 2 2 3 3 4 4 5 5 N/A N/A 6 6 7 7 8 8 9 9 10 10 TP1 TP1 TP3 Signal A0M A0P A1M A1P A2M A2P CLK1M CLK1P A3M A3P Shield 1 Shield 1 A4M A4P A5M A5P A6M A6P A7M A7P CLK2M CLK2P twprtwpr+ DDC+5V Position 1 26 2 27 3 28 4 29 5 30 6 31 7 32 8 33 9 34 10 35 11 36 12 37 13 Position 38 14 39 15 40 16 41 17 42 18 43 19 44 20 45 21 46 22 47 23 48 24 49 25 50 Signal Pair Pair 1 1 2 2 3 3 4 4 5 5 N/A N/A 6 6 7 7 8 8 9 9 10 10 TP1 TP1 TP3 Signal A0M A0P A1M A1P A2M A2P CLK1M CLK1P A3M A3P Shield 1 Shield 1 A4M A4P A5M A5P A6M A6P A7M A7P CLK2M CLK2P twprtwpr+ DDC+5V Position 1 26 2 27 3 28 4 29 5 30 6 31 7 32 8 33 9 34 10 35 11 36 12 37 13 DDC Gnd TP2 DDC SCL TP2
DDC SDA
P2 Position 38 14 39 15 40 16 41 17 42 18 43 19 44 20 45 21 46 22 47 23 48 24 49 25 50 Signal Pair DDC Gnd TP2 DDC SCL TP2
DDC SDA
TP3 11 11 12 12 13 13 14 14 15 15 N/A N/A 16 16 17 17 18 18 19 19 20 20
TP3 11 11 12 12 13 13 14 14 15 15 N/A N/A 16 16 17 17 18 18 19 19 20 20
A8M A8P A9M A9P A10M A10P CLK3M CLK3P A11M A11P Shield 4 Shield 3 A12M A12P A13M A13P A14M A14P A15M A15P CLK4M CLK4P
A8M A8P A9M A9P A10M A10P CLK3M CLK3P A11M A11P Shield 4 Shield 3 A12M A12P A13M A13P A14M A14P A15M A15P CLK4M CLK4P
Notes: 1. All pairs are individually shielded with aluminum foil. 2. Pair shields are wrapped Aluminum out and in contact with six internal drains (logic ground). 3. Outer braid and foil (chassis ground) is isolated from inner drains (logic ground).
TS-2103-03 Sheet 4 of 4
3M
Interconnect Solutions http://www.3M.com/interconnects/
3M is a trademark of 3M Company. For technical, sales or ordering information call 800-225-5373
Important Notice
All statements, technical information, and recommendations related to 3M's products are based on information believed to be reliable, but the accuracy or completeness is not guaranteed. Before using this product, you must evaluate it and determine if it is suitable for your intended application. You assume all risks and liability associated with such use. Any statements related to the product which are not contained in 3M's current publications, or any contrary statements contained on your purchase order shall have no force or effect unless expressly agreed upon, in writing, by an authorized officer of 3M.
Warranty; Limited Remedy; Limited Liability. This product will be free from defects in material and manufacture for a period of one (1) year from the time of purchase. 3M MAKES NO OTHER WARRANTIES INCLUDING, BUT NOT LIMITED TO, ANY IMPLIED WARRANTY OF MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE. If this product is defective within the warranty period stated above, your exclusive remedy shall be, at 3M's option, to replace or repair the 3M product or refund the purchase price of the 3M product. Except where prohibited by law, 3M will not be liable for any indirect, special, incidental or consequential loss or damage arising from this 3M product, regardless of the legal theory asserted.
3M Electronics 6801 River Place Blvd. Austin, TX 78726-9000 800/225-5373 www.3M.com/electronics
3
Minimum 10% Post-Consumer Fiber
Printed in USA. (c) 3M 2006


▲Up To Search▲   

 
Price & Availability of 14T50-SZWB-100-0NC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X